Part Number Hot Search : 
216125 216125 B66414 1460E 09105 NC7SV32 UPC7900 APTGF
Product Description
Full Text Search
 

To Download TCD41E1E106M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCD Series
MULTIL AYER CERAMIC
Y5U Ceramic Radial Lead High CV 125 C Maximum Temperature
Actual Size
TCD
The TCD series are radial lead ceramic capacitors from UCC/NCC. These capacitors have a very low ESR and impedance which makes these capacitors ideal for filtering switching power supplies and DC-DC converters. The TCD series has a maximum 250VDC rated voltage making them more applicable for use in higher voltage power supplies than our ceramic chip capacitors. All of our radial capacitors with 5mm lead spacing are also available with ammo pack taping. Refer to Mini-Glossary at the end of the multilayer ceramic capacitors section for additional technical information and specifications.
Summary of Specifications
Radial lead terminals. Capacitance range: 0.1 to 100F. Voltage range: 25 to 250VDC. Operating temperature range: 55 C to 125 C. Standard capacitance tolerance: 20% or 20% to 80% Nominal case size (L W H): 5.0 3.5 6.0mm to 28.5 8.5 Rated lifetime: 1,000 hours at 125 C. 20.0mm.
18
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
TCD Series
TCD Specifications
Item Operating Temperature Range Rated Voltage Range Capacitance Range Capacitance Tolerance Dissipation Factor ( Tan ) Ripple Current Withstand Voltage Insulation Resistance Solderability 55 to 125 C 25 to 250VDC 0.1 to 100 F 20% ( M ) or 20% to 20 80% ( Z ) at 20 2 C, 1 0.1kHz, and 1 0.2Vrms Characteristics
2.5% maximum at
2 C, 1 0.1kHz, and 1 0.2Vrms
At 125 C, the maximum ripple current at 10kHz -1MHz is specified in the Ratings Tables.
MULTIL AYER CERAMIC
No abnormality after applying 250% of the DC rated voltage from terminal-to-terminal and terminal-to-resin coating for 1 to 5 seconds at 20 2 C. 1,000 *F or 10,000M, whichever is less, after applying the DC rated voltage for 60 5 seconds at 20 2 C. Using H60A or H63A solder at a solder temperature of 235 5 C and a dip time of 2 0.5 seconds, a minimum of 75% of the circumferential surface of the dipped lead wires shall be covered with new solder. Using H60A or H63A solder at a solder temperature of 350 10 C and a dip time of 3 0.5 seconds at a depth of 2 to 2.5mm from the resin coating, the following specifications shall be satisfied when the capacitors are restored to 20 C. Appearance : no abnormality Capacitance change : 15% of initial measured value Tan ( DF ) : 2.5%
TCD
Soldering Heat Resistance
Humidity Load Life Test
The following specifications shall be satisfied when the capacitors are restored to 20 C after applying the DC rated voltage for 500 24, 0 hours at 40 2 C, 90 - 95% RH. After the initial load test, the withstand voltage shall be tested by applying 250% of the DC rated voltage for 5 seconds. Appearance : no abnormality Capacitance change : 20% of initial measured value Tan ( DF ) : 5% Insulation resistance : 50 *F or 1,000M, whichever is less
Load Life Test
The following specifications shall be satisfied when the capacitors are restored to 20 C after applying 200% of the DC rated voltage for 1,000 48, 0 hours at 85 2 C, or 1,000 48, 0 hours at 125 3 C with the initial DC rated voltage applied. After the initial load test, the withstand voltage shall be tested by applying 250% of the DC rated voltage for 5 seconds. Appearance : no abnormality Capacitance change : 20% of initial measured value Tan ( DF ) : 5% Insulation resistance : 100 *F or 1,000M, whichever is less
Part Numbering System for TCD Series
TCD 31 E 1H 225 M T
When ordering, always specify complete catalog number for TCD Series.
Taping Code: T = Straight Lead; T710 = Crimped Lead. Optional taping is available for case codes 21, 30, 31 and 41 only. Capacitance Tolerance: M = 20%; Z = 20% to 80% Capacitance Value: Expressed in picofarads. The first two digits are significant figures, and the third digit indicates the number of zeros following these figures (e.g. 225 = 2,200,000pF = 2.2 F ). Voltage Code: 1E = 25VDC; 1H = 50VDC; 2A = 100VDC; 2E = 250VDC. Temperature Coefficient: E = Y5U. Case Code: Refer to dimensions section for standard case sizes. Series Name: Indicates basic capacitor design.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
19
TCD Series
Construction and Diagram of Dimensions
Radial Lead Multilayer Ceramic
Resin Coating Ceramic Dielectric Termination
Unit: mm
L
W
Solder
H
MULTIL AYER CERAMIC
Internal Electrode Lead Wire
P 15 Min.
TCD
Case Dimensions
UCC Case Code 21 30 31 41 51 60 61 L max. 5.0 6.3 7.5 10.0 13.5 22.5 28.5 W max. 3.5 4.0 4.0 5.0 5.5 8.5 8.5 H max. 4.5 5.0 7.5 10.0 13.5 17.5 17.5 P max. 1.5 1.5 1.5 1.5 1.5 2.5 2.5 F 0.8 5.0 5.0 5.0 5.0 10.0 20.0 25.0
Od
0.05 0.5 0.5 0.5 0.5 0.6 0.8 0.8
F
d
Standard Voltage Ratings - Radial Lead Multilayer Ceramic
Rated Voltage (WVDC) Capacitance (F ) Catalog Part Number UCC Case Code* Maximum Ripple Current (A rms) at 125 C, 10kHz-1MHz
0.3 0.3 0.8 0.8 1.0 1.0 1.5 1.5 2.0 2.0 3.0 3.0 4.0 4.0 0.11 0.16 0.24 0.3 0.3 0.75 0.8 1.0 1.0 1.0 1.5 1.5 2.0 2.0 3.0
25 Volts
0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22
TCD21E1E684M TCD21E1E105M TCD30E1E155M TCD30E1E225M TCD31E1E335M TCD31E1E475M TCD41E1E685M TCD41E1E106M TCD51E1E156M TCD51E1E226M TCD60E1E336M TCD60E1E476M TCD61E1E686M TCD61E1E107M TCD21E1H104M TCD21E1H154M TCD21E1H224M TCD21E1H334M TCD21E1H474M TCD30E1H684M TCD30E1H105M TCD31E1H155M TCD31E1H225M TCD31E1H335M TCD41E1H475M TCD41E1H685M TCD51E1H106M TCD51E1H156M TCD60E1H226M 20%, 80% tolerance.
21 21 30 30 31 31 41 41 51 51 60 60 61 61 21 21 21 21 21 30 30 31 31 31 41 41 51 51 60
50 Volts
M indicates 20% tolerance. Substitute code letter Z in part number for * Refer to diagram of dimensions for actual case sizes.
20
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
TCD Series
Standard Voltage Ratings - Radial Lead Multilayer Ceramic
Rated Voltage (WVDC) Capacitance (F ) Catalog Part Number UCC Case Code* Maximum Ripple Current (A rms) at 125 C, 10kHz-1MHz
3.0 4.0 4.0 0.22 0.3 0.3 0.73 0.8 1.0 1.0 1.0 1.5 1.5 2.0 2.0 3.0 3.0 4.0 4.0 0.55 0.8 1.0 1.0 1.5 1.5 2.0 2.0 3.0 3.0 4.0 4.0
50 Volts
33 47 68 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8
TCD60E1H336M TCD61E1H476M TCD61E1H686M TCD21E2A104M TCD21E2A154M TCD21E2A224M TCD30E2A334M TCD30E2A474M TCD31E2A684M TCD31E2A105M TCD31E2A155M TCD41E2A225M TCD41E2A335M TCD51E2A475M TCD51E2A685M TCD60E2A106M TCD60E2A156M TCD61E2A226M TCD61E2A336M TCD30E2E104M TCD30E2E154M TCD31E2E224M TCD31E2E334M TCD41E2E474M TCD41E2E684M TCD51E2E105M TCD51E2E155M TCD60E2E225M TCD60E2E335M TCD61E2E475M TCD61E2E685M 20%, 80% tolerance.
60 61 61 21 21 21 30 30 31 31 31 41 41 51 51 60 60 61 61 30 30 31 31 41 41 51 51 60 60 61 61
MULTIL AYER CERAMIC
TCD
100 Volts
250 Volts
M indicates 20% tolerance. Substitute code letter Z in part number for * Refer to diagram of dimensions for actual case sizes.
Ammo Pack Taping Specifications
Radial Lead Multilayer Ceramics
Available for Case Codes 21, 30, 31 and 41 Conforms to JIS-C-0805 Ammo Pack h P0 /2 P Unit: mm
Dimensions and Quantity Per Box
UCC Case Code H max. Straight Lead H max. Crimped Lead H 0 0.5 P 1.0 P0 0.3 P1 0.7 P0/2 1.3 F 1.0 W 0.5, 1.0 W/2 0.5 M 1.0 M 0 1.5 OD 0.2 Od 0.05 t 0.2 h 2 Pieces Per Box * 21 23 25 16.0 12.7 12.7 3.85 6.35 5.0 18.0 9.0 13.0 1.5 4.0 0.5 0.6 0 2,000 30 24 26 16.0 12.7 12.7 3.85 6.35 5.0 18.0 9.0 13.0 1.5 4.0 0.5 0.6 0 2,000 31 26 28 16.0 12.7 12.7 3.85 6.35 5.0 18.0 9.0 13.0 1.5 4.0 0.5 0.6 0 2,000 41 29 30 16.0 12.7 12.7 3.85 6.35 5.0 18.0 9.0 13.0 1.5 4.0 0.5 0.6 0 1,500
H (straight)
H (crimped) M0
H0 W/2 M W
P1 P0
F
Od OD
t
*Specified quantity may vary for rating of capacitor.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
21
TCD Series
Capacitance and DF Variation with Temperature and Applied DC Voltage
TCD 25V, 10F
Cap Bias 0V Cap Bias 12V Cap Bias 25V
TCD 100V, 1F
Cap Bias 0V Cap Bias 50V Cap Bias 100V
DF Bias 0V
DF Bias 0V
Capacitance Change (%)
20 0 20 40
Capacitance Change (%)
20 10 0 140
40
40 20 0 20 40
MULTIL AYER CERAMIC
DF (%)
TCD
80 100 60
80 100 60
10 0 140
40
20
0
20
40
60
80
100
120
40
20
0
20
40
60
80
100
120
Temperature ( C)
Temperature ( C)
TCD 50V, 1.5F
Cap Bias 0V Cap Bias 25V Cap Bias 50V
TCD 250V, 1.5F
Cap Bias 0V Cap Bias 125V Cap Bias 250V
DF Bias 0V
DF Bias 0V
Capacitance Change (%)
20 0 20 40
Capacitance Change (%)
40
40 20 0 20 40
DF (%)
80 100 60
10 0 140
80 100 60
10 0 140
40
20
0
20
40
60
80
100
120
40
20
0
20
40
60
80
100
120
Temperature ( C)
Temperature ( C)
22
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
DF (%)
60
20
60
20
DF (%)
60
60
20
TCD Series
Impedance/ESR - Frequency Characteristics
Z TCD41E1H685M ESR Z TCD61E1H685M ESR
Impedance / ESR (ohms)
10
Impedance / ESR (ohms)
100
100
10
1
1
MULTIL AYER CERAMIC
0.1
0.1
TCD
0.01
0.01
0.001 100 1k 10k 100k 1M 10M
0.001 100 1k 10k 100k 1M 10M
Frequency (Hz)
Z TCD41E2A335M ESR
Frequency (Hz)
Z TCD61E2A336M ESR
Impedance / ESR (ohms)
10
Impedance / ESR (ohms)
100
100
10
1
1
0.1
0.1
0.01
0.01
0.001 100 1k 10k 100k 1M 10M
0.001 100 1k 10k 100k 1M 10M
Frequency (Hz)
Z TCD41E2E684M ESR
Frequency (Hz)
Z TCD61E2E685M ESR
Impedance / ESR (ohms)
10
Impedance / ESR (ohms)
100
100
10
1
1
0.1
0.1
0.01
0.01
0.001 100 1k 10k 100k 1M 10M
0.001 100 1k 10k 100k 1M 10M
Frequency (Hz)
Frequency (Hz)
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
23


▲Up To Search▲   

 
Price & Availability of TCD41E1E106M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X